PART |
Description |
Maker |
ZXTP08400BFFTA ZXTP08400BFF |
400V, SOT23F, PNP medium power high voltage transistor
|
ZETEX[Zetex Semiconductors]
|
2N3209DCSM |
Dual High Speed Medium Power PNP Switching Transistor In Hermetic Cermic Surface Mount Package For High Reliability Application(高速、中等功率、开关型双PNP晶体管(高可靠性、陶瓷表贴封装)) DUAL HIGH SPEED/ MEDIUM POWER PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE DUAL HIGH SPEED, MEDIUM POWER PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
BCX52-10 BCX52-16 BCP52-16 BCP52-10 BC52PA |
60 V, 1 A PNP medium power transistors PNP medium power transistor series in Surface-Mounted Device (SMD) plastic packages.
|
NXP Semiconductors
|
MCA104 |
Multi-Chip Array Two NPN and Two PNP High Speed / Medium Power Switching Transistors MULTI-CHIP ARRAY TWO NPN AND TWO PNP HIGH SPEED, MEDIUM POWER SWITCHING TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE
|
Semelab PLC SEME-LAB[Seme LAB]
|
555 FMMT555_03 FMMT555 FMMT55503 |
PNP High Voltage Transistor SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
|
ZETEX[Zetex Semiconductors]
|
BCP69 BCP69-16 BCP69-16_DG BCP69-16_IN BCP69-25 BC |
PNP medium power transistor; 20 V, 1 A - Complement: BCP68 ; fT min: 40 MHz; hFE max: 375 ; hFE min: 85 ; I<sub>C</sub> max: 1000 mA; Polarity: PNP ; Ptot max: 1350 mW; VCEO max: 20 V; Package: SOT223 (SC-73); Container: Tape reel smd 20 V, 1 A PNP medium power transistor
|
NXP Semiconductors
|
CSB772P CSB772R CSB772 CSB772E CSB772Q |
10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 400 hFE. Complementary CSD882 10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 200 - 400 hFE. Complementary CSD882E 10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 120 hFE. Complementary CSD882R 10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 100 - 200 hFE. Complementary CSD882Q 10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 160 - 320 hFE. Complementary CSD882P Audio Frequency Power Amplifier and Low Speed Switching
|
CDIL[Continental Device India Limited]
|
ZTX758 |
PNP SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
|
Diodes Incorporated Zetex Semiconductors
|
ZTX955 ZTX955STZ ZTX955-15 |
PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
|
Fairchild Semiconductor ZETEX[Zetex Semiconductors] Diodes Incorporated
|
ZTX795A |
PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
|
Diodes Incorporated ZETEX[Zetex Semiconductors]
|
ZTX757 ZTX756 |
PNP SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTORS
|
Diodes Incorporated Zetex Semiconductors
|